Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # X10213
Description  EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
File Size   645.08 Kbytes
Html View  1   2 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7305 NJRC-NJU7305 Datasheet
251Kb / 8P
7-BAND EVR FOR GRAPHIC EQUALIZER
NJU7306 NJRC-NJU7306 Datasheet
262Kb / 9P
11-BAND EVR FOR GRAPHIC EQUALIZER?
NJU7307 NJRC-NJU7307 Datasheet
260Kb / 9P
11-BAND EVR FOR GRAPHIC EQUALIZER???
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
Headphone amplifier with internal LPF and EVR for CD-ROM
logo
New Japan Radio
NJM2172 NJRC-NJM2172 Datasheet
206Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
logo
celduc-relais
SO445120 CELDUC-SO445120 Datasheet
962Kb / 5P
Phase angle controller
logo
New Japan Radio
NJU7392 NJRC-NJU7392 Datasheet
104Kb / 3P
2ch Pushbutton Interface EVR with eala Stereo Expander
NJU7394 NJRC-NJU7394 Datasheet
213Kb / 16P
Pushbutton Interface EVR
NJU8790 NJRC-NJU8790 Datasheet
361Kb / 15P
Pushbutton Interface EVR with Class D Stereo Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com