Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N30001 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # N30001
Description  High Surge with 17A, 230V Variable AC Regulator
File Size   475.96 Kbytes
Html View  1   2   3 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

N30001 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - N30001

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
N30001 UNITEDAUTOMATION-N30001 Datasheet
462Kb / 2P
25A - 110 / 230V AC Variable Burst Fired AC Regulator
1 July 2025
N30001 UNITEDAUTOMATION-N30001 Datasheet
518Kb / 3P
110 / 230V AC Burst Fired AC Energy Regulator
1 July 2025
N30001 UNITEDAUTOMATION-N30001 Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
N30001 UNITEDAUTOMATION-N30001 Datasheet
475Kb / 2P
15A, 1.6kW 110V, 4kW 230V Fan control enclosed
19 November 2025
N30001 UNITEDAUTOMATION-N30001 Datasheet
479Kb / 3P
15A, 1.6kW-4kW, 110V - 230V Single Phase Switched Fan Controller
1 July 2025
More results


Similar Description - N30001

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
logo
Sanyo Semicon Device
L5431 SANYO-L5431 Datasheet
66Kb / 3P
High-Precision Variable Shunt Voltage Regulator
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
logo
Tripp Lite. All Rights ...
AVS5D TRIPPLITE-AVS5D Datasheet
521Kb / 3P
230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
AVS30D TRIPPLITE-AVS30D Datasheet
526Kb / 2P
230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
logo
ORION FANS
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
logo
Shindengen Electric Mfg...
ST02DH-280 SHINDENGEN-ST02DH-280 Datasheet
281Kb / 4P
TVS (Transient Surge Suppressor) Power Clampers TBD, 230V
logo
Weidmuller
1351650000 WEIDMULLER-1351650000 Datasheet
546Kb / 5P
VPU III R 230V/6KV AC
logo
TiMOTION Technology Co....
TIP5 TIMOTION-TIP5 Datasheet
344Kb / 4P
Input voltage 115 or 230V AC
20221027-B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com