Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S201-B50 Datasheet (PDF) - ABB

Part # S201-B50
Description  Miniature Circuit Breaker - S200 - 1P - B - 50 A
File Size   71.39 Kbytes
Html View  1   2   3 
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201-B50 Datasheet (PDF) - ABB



Similar Part No. - S201-B50

ManufacturerPart #DatasheetDescription
logo
ABB
S201-B10 ABB-S201-B10 Datasheet
2Mb / 7P
System pro M compact® Miniature Circuit Breaker S 200/S 200 M
S201-B100 ABB-S201-B100 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
S201-B20 ABB-S201-B20 Datasheet
71Kb / 3P
Miniature Circuit Breaker - S200 - 1P - B - 20 A
S201-B25 ABB-S201-B25 Datasheet
71Kb / 3P
Miniature Circuit Breaker - S200 - 1P - B - 25 A
S201-B32 ABB-S201-B32 Datasheet
71Kb / 3P
Miniature Circuit Breaker - S200 - 1P - B - 32 A
More results


Similar Description - S201-B50

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU115 SCHNEIDER-QOU115 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
QOU160 SCHNEIDER-QOU160 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
QOU170 SCHNEIDER-QOU170 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 70A, 1P, 120/240V, 10kA
QOU180 SCHNEIDER-QOU180 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 80A, 1P, 120/240V, 10kA
QOU1100 SCHNEIDER-QOU1100 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 100A, 1P. 120/240V, 10kA
Feb 21, 2020
QOUR110 SCHNEIDER-QOUR110 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUQ115 SCHNEIDER-QOUQ115 Datasheet
97Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
QOU145 SCHNEIDER-QOU145 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
QOU150VH SCHNEIDER-QOU150VH Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 22kA
logo
Eaton All Rights Reserv...
FAZ-C61 EATON-FAZ-C61 Datasheet
121Kb / 3P
Miniature circuit breaker (MCB), 6 A, 1p, characteristic: C
04/06/2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com