Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202-C40 Datasheet (PDF) - ABB

Part # S202-C40
Description  Miniature Circuit Breaker - S200 - 2P - C - 40 A
File Size   69.67 Kbytes
Html View  1   2   3 
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S202-C40 Datasheet (PDF) - ABB



Similar Part No. - S202-C40

ManufacturerPart #DatasheetDescription
logo
ABB
S202-C10 ABB-S202-C10 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200 - 2P - C - 10 A
S202-C100 ABB-S202-C100 Datasheet
105Kb / 4P
Miniature Circuit Breaker - S200 80-100A - 2P - C - 100 ampere
S202-C16 ABB-S202-C16 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - C - 16 A
S202-C20 ABB-S202-C20 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - C - 20 A
S202-C25 ABB-S202-C25 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - C - 25 A
More results


Similar Description - S202-C40

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU215H SCHNEIDER-QOU215H Datasheet
95Kb / 2P
QOU Miniature Circuit Breaker, 15A, 2P, 240V, 10kA
Feb 21, 2020
QOU220H SCHNEIDER-QOU220H Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA
QOU230H SCHNEIDER-QOU230H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 240V, 10kA
QOU225H SCHNEIDER-QOU225H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 25A, 2P, 240V, 10kA
A9F44220 SCHNEIDER-A9F44220 Datasheet
81Kb / 2P
Acti9 iC60N 2P 20A C Miniature Circuit breaker
23-Feb-2021
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
A9N61526 SCHNEIDER-A9N61526 Datasheet
81Kb / 2P
miniature circuit breaker - C60H - 2 poles - 6 A C curve
23-Feb-2021
A9N61521 SCHNEIDER-A9N61521 Datasheet
114Kb / 3P
miniature circuit breaker - C60H - 2 poles - 1 A - C curve
Nov 3, 2022
logo
Eaton All Rights Reserv...
FAZ-C61 EATON-FAZ-C61 Datasheet
121Kb / 3P
Miniature circuit breaker (MCB), 6 A, 1p, characteristic: C
04/06/2023
181932 EATON-181932 Datasheet
50Kb / 2P
FAZ-C3/2-RT-AS. Miniature circuit breaker (MCB), 3 A, 2p, characteristic: C, RT-AS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com