Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202-D10 Datasheet (PDF) - ABB

Part # S202-D10
Description  Miniature Circuit Breaker - S200 - 2P - D - 10 A
File Size   69.63 Kbytes
Html View  1   2   3 
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S202-D10 Datasheet (PDF) - ABB



Similar Part No. - S202-D10

ManufacturerPart #DatasheetDescription
logo
ABB
S202-D2 ABB-S202-D2 Datasheet
113Kb / 5P
Miniature Circuit Breaker - S200 - 2P - D - 2 ampere
S202-D20 ABB-S202-D20 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - D - 20 A
S202-D25 ABB-S202-D25 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - D - 25 A
S202-D32 ABB-S202-D32 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - D - 32 A
S202-D40 ABB-S202-D40 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - D - 40 A
More results


Similar Description - S202-D10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU215H SCHNEIDER-QOU215H Datasheet
95Kb / 2P
QOU Miniature Circuit Breaker, 15A, 2P, 240V, 10kA
Feb 21, 2020
QOU220H SCHNEIDER-QOU220H Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
QOU230H SCHNEIDER-QOU230H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 240V, 10kA
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU270 SCHNEIDER-QOU270 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 70A, 2P, 120/240V, 10kA
QOUR220 SCHNEIDER-QOUR220 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR230 SCHNEIDER-QOUR230 Datasheet
107Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
Feb 21, 2020
QOU225H SCHNEIDER-QOU225H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 25A, 2P, 240V, 10kA
A9F44220 SCHNEIDER-A9F44220 Datasheet
81Kb / 2P
Acti9 iC60N 2P 20A C Miniature Circuit breaker
23-Feb-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com