Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0137-S Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0137-S
Description  LLP-14 Stencil (0.5 mm pitch, 3 x 4 mm body)
File Size   42.31 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0137-S Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0137-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0137 PROTOADVANTAGE-PA0137 Datasheet
49Kb / 2P
LLP-14 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 4 mm body)
revision 1.0
More results


Similar Description - PA0137-S

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
GREATECS
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
I606 ILSI-I606 Datasheet
50Kb / 2P
10 mm x 14 mm, FR-4 SMD VCXO, LVPECL / LVDS
ISM65 ILSI-ISM65 Datasheet
51Kb / 2P
9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005F3C-70MAV TO-GRACE-APHHS1005F3C-70MAV Datasheet
778Kb / 4P
1.0 x 0.5 mm Infrared Emitting Diode
APHHS1005LZGCK-V TO-GRACE-APHHS1005LZGCK-V Datasheet
768Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com