Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # X10213
Description  25A, 230V Soft Star Control Module
File Size   529.5 Kbytes
Html View  1   2 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
25NT NAINA-25NT Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
logo
List of Unclassifed Man...
ATS22D47Q ETC1-ATS22D47Q Datasheet
222Kb / 10P
soft starter-ATS22-control 220V-power 230V(11kW)/400...440V(22kW)
ATS22C17Q ETC2-ATS22C17Q Datasheet
259Kb / 9P
soft starter-ATS22-control 220V-power 230V(45kW)/400...440V(90kW)
logo
Schneider Electric
ATS22D17Q SCHNEIDER-ATS22D17Q Datasheet
223Kb / 43P
soft starter-ATS22-control 220V-power 230V(4kW)/400...440V(7.5kW)
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
ATS22D32Q SCHNEIDER-ATS22D32Q Datasheet
281Kb / 11P
soft starter-ATS22-control 220V-power 230V(7.5kW)/400...440V(15kW)
Aug 9, 2019
ATS22D75Q SCHNEIDER-ATS22D75Q Datasheet
283Kb / 11P
soft starter-ATS22-control 220V-power 230V(18.5kW)/400...440V(37kW)
Aug 9, 2019
ATS22D88Q SCHNEIDER-ATS22D88Q Datasheet
283Kb / 11P
soft starter-ATS22-control 220V-power 230V(22kW)/400...440V(45kW)
Aug 9, 2019
ATS480C14Y SCHNEIDER-ATS480C14Y Datasheet
398Kb / 9P
Altivar Soft Starter ATS480, 140 A, 208...690V AC, control supply 110...230V AC
May 1, 2022
ATS480D47Y SCHNEIDER-ATS480D47Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 47 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com