Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2C00045 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # U2C00045
Description  ADPT USB 2.0 MINI B M TO A F BK
File Size   79.82 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

U2C00045 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - U2C00045

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
U2C00040 L-COM-U2C00040 Datasheet
64Kb / 1P
ADPT, USB 2.0 A-M/B-F
08/20/2018
U2C00042 L-COM-U2C00042 Datasheet
70Kb / 1P
ADPT, USB 2.0 A-F/B-M
08/20/2018
U2C00049 L-COM-U2C00049 Datasheet
73Kb / 1P
ADPT, USB 2.0 A-F/A-F
08/20/2018
More results


Similar Description - U2C00045

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U029-006 TRIPPLITE-U029-006 Datasheet
491Kb / 4P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 4PinRound Mini-B M/M) 6-ft.
U028006 TRIPPLITE-U028006 Datasheet
480Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Mini-B, M-M), 6-ft
U029006 TRIPPLITE-U029006 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Round Mini-B M-M), 6-ft
U030003 TRIPPLITE-U030003 Datasheet
475Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft
U030006 TRIPPLITE-U030006 Datasheet
475Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B M-M), 6-ft
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-003-COIL TRIPPLITE-U030-003-COIL Datasheet
159Kb / 2P
USB 2.0 A to Mini-B Coiled Cable (M/M), 3 ft.
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com