Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0212-S Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0212-S
Description  TSOP-66 (II) Stencil (0.65 mm pitch, 10.16 mm body)
File Size   41.83 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0212-S Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0212-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0212 PROTOADVANTAGE-PA0212 Datasheet
48Kb / 2P
TSOP-66 (II) to DIP-66 SMT Adapter (0.65 mm pitch, 10.16 mm body)
revision 1.0
logo
Norgren Ltd
PA0212015 NORGREN-PA0212015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0212025 NORGREN-PA0212025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
More results


Similar Description - PA0212-S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
logo
Pomona Electronics
5972 POMONA-5972 Datasheet
54Kb / 2P
24 Lead SSOP Test Clip 0.65 mm Lead Pitch
logo
PIC GmbH
MS-104-3 PIC-MS-104-3_15 Datasheet
113Kb / 2P
Micro Reed Sensor pitch 10.16 mm
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Lite-On Technology Corp...
LTS-4610AE LITEON-LTS-4610AE Datasheet
119Kb / 5P
0.4 inch (10.16 mm) DIGIT HEIGHT
LTS-4710AP LITEON-LTS-4710AP Datasheet
135Kb / 5P
0.4 inch (10.16 mm) DIGIT HEIGHT
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Samtec, Inc
ISS1-XX-L SAMTEC-ISS1-XX-L Datasheet
121Kb / 1P
1.00 MM PITCH S1SX BODY
10/30/201
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com