Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0218-S Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0218-S
Description  TSOP-28(I) Stencil (0.55 mm pitch, 10.16 mm body)
File Size   41.82 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0218-S Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0218-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0218 PROTOADVANTAGE-PA0218 Datasheet
48Kb / 2P
TSOP-28(I) to DIP-28 SMT Adapter (0.55 mm pitch, 10.16 mm body)
revision 1.0
More results


Similar Description - PA0218-S

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-40XXA UOT-UVS-40XXA Datasheet
64Kb / 5P
0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
STANLEY ELECTRIC CO.,LT...
KW1448A STANLEY-KW1448A Datasheet
315Kb / 13P
5.0 x 5.0 mm (t=0.55 mm) Type White LED
logo
PIC GmbH
MS-104-3 PIC-MS-104-3_15 Datasheet
113Kb / 2P
Micro Reed Sensor pitch 10.16 mm
logo
Lite-On Technology Corp...
LTS-4610AE LITEON-LTS-4610AE Datasheet
119Kb / 5P
0.4 inch (10.16 mm) DIGIT HEIGHT
LTS-4710AP LITEON-LTS-4710AP Datasheet
135Kb / 5P
0.4 inch (10.16 mm) DIGIT HEIGHT
logo
Samtec, Inc
ISS1-XX-L SAMTEC-ISS1-XX-L Datasheet
121Kb / 1P
1.00 MM PITCH S1SX BODY
10/30/201
logo
EHAOAN.
EH-1WB3030Y-001J EHAOAN-EH-1WB3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WG3030Y-001J EHAOAN-EH-1WG3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WR3030Y-001J EHAOAN-EH-1WR3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WW3030Y-001J EHAOAN-EH-1WW3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com