Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0221-S Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0221-S
Description  TQFP-128 Stencil (0.5 mm pitch, 14 x 20 mm body)
File Size   42.07 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0221-S Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0221-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0221 PROTOADVANTAGE-PA0221 Datasheet
49Kb / 2P
TQFP-128 to DIP-128 SMT Adapter (0.5 mm pitch, 14 x 20 mm body)
revision 1.0
More results


Similar Description - PA0221-S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0146A MAXIM-21-0146A Datasheet
40Kb / 1P
PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
logo
Schurter Inc.
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
NXP Semiconductors
SOT486-1 NXP-SOT486-1 Datasheet
242Kb / 1P
plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
2008
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Bourns Electronic Solut...
GMOV BOURNS-GMOV Datasheet
746Kb / 5P
14 & 20 mm Hybrid Protection Component
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005F3C-70MAV TO-GRACE-APHHS1005F3C-70MAV Datasheet
778Kb / 4P
1.0 x 0.5 mm Infrared Emitting Diode
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com