Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTR Datasheet (PDF) - ABB

Part # XTR
Description  LED 2W M3 DAYLITE WHT/OPL SLFTST
File Size   122.17 Kbytes
Html View  1   2 
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

XTR Datasheet (PDF) - ABB



Similar Part No. - XTR

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
XTR-240 MEANWELL-XTR-240 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-12 MEANWELL-XTR-240-12 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-24 MEANWELL-XTR-240-24 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-36 MEANWELL-XTR-240-36 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-48 MEANWELL-XTR-240-48 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
More results


Similar Description - XTR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
MoonstoneTM 1/2W Power LED Light Source
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
E-SWITCH
XF0288P E-SWITCH-XF0288P Datasheet
27Kb / 1P
L16 PL T 10 A WHT
B040501 E-SWITCH-B040501 Datasheet
15Kb / 1P
320.05 CAP WHT (COMP)
logo
Molex Electronics Ltd.
0988161110 MOLEX1-0988161110 Datasheet
59Kb / 1P
SICMA Rcpt Conn Unseald W/ Wht 1.5 10Ckt
logo
LUMEX INC.
LDS-A514RI LUMEX-LDS-A514RI Datasheet
80Kb / 1P
635nm RED CHIPS, GRAY FACE W/WHT SGMTS
logo
YAMAHA CORPORATION
YM3526 YAMAHA-YM3526 Datasheet
1Mb / 10P
FM OPERATOR TYPE-L (OPL)
logo
Vishay Siliconix
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
17-Aug-17
logo
CONEC Elektronische Bau...
740-342470 CONEC-740-342470 Datasheet
172Kb / 1P
Hex bolt 13mm long M3 / M3
28.05.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com