Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7008109 Datasheet (PDF) - ledxon GmbH

Part # 7008109
Description  Recessed spotlight swivelable IP65, 9W 920lm CRI80 3000K 40° white
File Size   123.85 Kbytes
Html View  1   2   3   4   5 
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

7008109 Datasheet (PDF) - ledxon GmbH



Similar Part No. - 7008109

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
7008100 LEDXON-7008100 Datasheet
129Kb / 5P
Recessed spotlight flat, 6W 630lm CRI80 4000K 40° white
7008101 LEDXON-7008101 Datasheet
132Kb / 5P
Recessed spotlight flat, 6W 630lm CRI80 4000K 40° Chrom
7008102 LEDXON-7008102 Datasheet
133Kb / 5P
Recessed spotlight flat, 6W 630lm CRI80 4000K 40° Nickel
7008103 LEDXON-7008103 Datasheet
129Kb / 5P
Recessed spotlight flat, 6W 620lm CRI80 3000K 40° white
7008104 LEDXON-7008104 Datasheet
132Kb / 5P
Recessed spotlight flat, 6W 620lm CRI80 3000K 40° Chrom
More results


Similar Description - 7008109

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
190BX25X CML-190BX25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
190BX35X CML-190BX35X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
192BX25X CML-192BX25X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
192BX35X CML-192BX35X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Rohm
BD28412MUV ROHM-BD28412MUV Datasheet
1Mb / 44P
9W9W Analog Input Class D Speaker Amplifier
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
Satco Products, Inc.
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
logo
SparkFun Electronics
PRT-13784 SPARKFUN-PRT-13784 Datasheet
96Kb / 2P
Solar Panel - 9W
4/13/2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com