Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF38T4D024 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BF38T4D024
Description  FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 56A, DC COIL, 24VDC
File Size   202.97 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BF38T4D024 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BF38T4D024

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF38T4D012 LOVATO-BF38T4D012 Datasheet
202Kb / 6P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 56A, DC COIL, 12VDC
More results


Similar Description - BF38T4D024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
LC1D32B7 ETC2-LC1D32B7 Datasheet
64Kb / 1P
Contactor (TeSys D) Non-Reversing, 32A(AC3) 50A(AC1), 3-Pole (3 NO)
LC1D18U7 ETC2-LC1D18U7 Datasheet
63Kb / 1P
Contactor (TeSys D) Non-Reversing, 18A(AC3) 32A(AC1), 3-Pole (3 NO)
logo
SCHOTT CORPORATION
LC1D09F7 SCHOTT-LC1D09F7 Datasheet
60Kb / 1P
Contactor (TeSys D) Non-Reversing, 9A(AC3) 20A(AC1), 3-Pole (3 NO)
logo
List of Unclassifed Man...
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
Schneider Electric
T02AN13BD SCHNEIDER-T02AN13BD Datasheet
139Kb / 2P
Contactor TeSys NEMA Sz00 3P 24VDC
Dec 22, 2020
T02CN13BD SCHNEIDER-T02CN13BD Datasheet
120Kb / 2P
Contactor TeSys NEMA Sz1 3P 24VDC
Dec 22, 2020
T02DN13BD SCHNEIDER-T02DN13BD Datasheet
129Kb / 2P
Contactor TeSys NEMA Sz2 3P 24VDC
Dec 22, 2020
T02FN13BD SCHNEIDER-T02FN13BD Datasheet
144Kb / 2P
Contactor TeSys NEMA Sz4 3P 24VDC
Dec 22, 2020
logo
Allen-Bradley
100-K ALLEN-BRADLEY-100-K Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com