Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF09T4L024 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BF09T4L024
Description  FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 25A, DC COIL, 110VDC CONSUMPTION, 24VDC
File Size   196.4 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BF09T4L024 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BF09T4L024

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF09T4A024 LOVATO-BF09T4A024 Datasheet
191Kb / 6P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 25A, AC COIL 50/60HZ, 24VAC
BF09T4A110 LOVATO-BF09T4A110 Datasheet
191Kb / 6P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 25A, AC COIL 50/60HZ, 110VAC
BF09T4A12060 LOVATO-BF09T4A12060 Datasheet
191Kb / 6P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 25A, AC COIL 60HZ, 120VAC
BF09T4A230 LOVATO-BF09T4A230 Datasheet
191Kb / 6P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 25A, AC COIL 50/60HZ, 230VAC
BF09T4A23060 LOVATO-BF09T4A23060 Datasheet
191Kb / 6P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 25A, AC COIL 60HZ, 230VAC
More results


Similar Description - BF09T4L024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
LC1D32B7 ETC2-LC1D32B7 Datasheet
64Kb / 1P
Contactor (TeSys D) Non-Reversing, 32A(AC3) 50A(AC1), 3-Pole (3 NO)
LC1D18U7 ETC2-LC1D18U7 Datasheet
63Kb / 1P
Contactor (TeSys D) Non-Reversing, 18A(AC3) 32A(AC1), 3-Pole (3 NO)
logo
SCHOTT CORPORATION
LC1D09F7 SCHOTT-LC1D09F7 Datasheet
60Kb / 1P
Contactor (TeSys D) Non-Reversing, 9A(AC3) 20A(AC1), 3-Pole (3 NO)
logo
List of Unclassifed Man...
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
Schneider Electric
LC1D25BNE SCHNEIDER-LC1D25BNE Datasheet
124Kb / 4P
TeSys D contactor 3P 25A AC-3 up to 440V coil 24-60V AC/DC
Jan 4, 2021
LC1D25EHE SCHNEIDER-LC1D25EHE Datasheet
124Kb / 4P
TeSys D contactor 3P 25A AC-3 up to 440V coil 48-130V AC/DC
Jan 4, 2021
8910DP22V14 SCHNEIDER-8910DP22V14 Datasheet
160Kb / 2P
Contactor, Definite Purpose, 25A, 2 pole, 24/24 VAC 50/60 Hz coil, open
Apr 30, 2021
8910DP21V02 SCHNEIDER-8910DP21V02 Datasheet
175Kb / 2P
Contactor, Definite Purpose, 25A, 1 pole, 110/120 VAC 50/60 Hz coil, open
May 23, 2022
LC2D25F7 SCHNEIDER-LC2D25F7 Datasheet
113Kb / 5P
REVERSING CONTACTOR 575VAC 25A IEC
Mar 08, 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com