Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2AE82 Datasheet (PDF) - Schneider Electric

Part # GS2AE82
Description  Shaft extension, TeSys GS, length 200mm, cross section 5 x 5 mm, for switches 30-32 A
File Size   62.33 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2AE82 Datasheet (PDF) - Schneider Electric



Similar Part No. - GS2AE82

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
GS2AE21 SCHNEIDER-GS2AE21 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 400 mm, for 100 to 400 A GS2 switches
Aug 10, 2019
More results


Similar Description - GS2AE82

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS1DD4 SCHNEIDER-GS1DD4 Datasheet
145Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P N - 32 A - NFC 10 x 38 mm
Jul 19, 2021
GS1DD3 SCHNEIDER-GS1DD3 Datasheet
172Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - 32 A - NFC 10 x 38 mm
Jul 18, 2021
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
97Kb / 2P
TeSys GS - auxiliary contact support - 30 A
Jul 19, 2021
GS1AD010 SCHNEIDER-GS1AD010 Datasheet
89Kb / 2P
TeSys GS - NFPA 79 internal handle kit for 5mm shaft
Jul 19, 2021
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
GS1AE2 SCHNEIDER-GS1AE2 Datasheet
57Kb / 2P
TeSys GS - shaft extension - 320 mm - 30...400 A
Sep 13, 2021
GS1AE7 SCHNEIDER-GS1AE7 Datasheet
72Kb / 2P
TeSys GS - shaft extension - front - 320 mm - 30 A
Sep 13, 2021
GS2AE21 SCHNEIDER-GS2AE21 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 400 mm, for 100 to 400 A GS2 switches
Aug 10, 2019
GS1AD10 SCHNEIDER-GS1AD10_V01 Datasheet
109Kb / 2P
TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
GS1DD3 SCHNEIDER-GS1DD3_V01 Datasheet
185Kb / 3P
TeSys GS - switch-disconnectorfuse - 3 P - 32 A - NFC 10 x 38 mm
Jun 30, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com