| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
QOU380
|
105Kb / 2P |
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020 |
|
BDL36080
|
130Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BGL36080
|
120Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BGP36080
|
116Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BJL36080
|
122Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BDP36080
|
116Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BJP36080
|
119Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BDM36080
|
116Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BGM36080
|
116Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJM36080
|
119Kb / 3P |
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |