Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L053XGD Datasheet (PDF) - Multicomp Pro

Part # L053XGD
Description  Single Color LED Electrical / Optical Characterisitics at Ta = 25°C
File Size   409.65 Kbytes
Html View    Update soon   
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

L053XGD Datasheet (PDF) - Multicomp Pro



Similar Part No. - L053XGD

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
L053XGT MULTICOMP-L053XGT Datasheet
409Kb / 2P
Single Color LED Electrical / Optical Characterisitics at Ta = 25°C
30/08/24
More results


Similar Description - L053XGD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIWC73 DELTA-SIWC73 Datasheet
33Kb / 1P
Electrical Characteristics 25 C 100KHz, 0.1V
logo
SHENZHEN YONGERJIA INDU...
MA157A WINNERJOIN-MA157A Datasheet
64Kb / 1P
ABSOLUTE MAXIMUM RATINGS at Ta=25
logo
STANLEY ELECTRIC CO.,LT...
DB5304X STANLEY-DB5304X Datasheet
267Kb / 1P
SINGLE COLOR LED
DB3804X STANLEY-DB3804X Datasheet
255Kb / 1P
SINGLE COLOR LED
logo
A-BRIGHT Inc
AL-03R6A03WC-A2Z-161 A-BRIGHT-AL-03R6A03WC-A2Z-161 Datasheet
287Kb / 6P
Absolute Maximum Ratings at Ta=25?
AL-508B5WC A-BRIGHT-AL-508B5WC Datasheet
340Kb / 7P
Absolute Maximum Ratings at Ta=25?
logo
List of Unclassifed Man...
HY860F ETC2-HY860F Datasheet
148Kb / 2P
ABSOLUTE MAXIMUM RATINGS AT TA=25째 C
logo
AMETHERM Circuit Protec...
SG379 AMETHERM-SG379 Datasheet
330Kb / 1P
RESISTANCE AT 25 DEG C = 1 OHM /- 25%
logo
Guangdong Youtai Semico...
ESD5451N UMW-ESD5451N Datasheet
782Kb / 5P
Electrical characterist ics (TA=25 oC, unless otherwi se noted)
logo
List of Unclassifed Man...
LT7821-81 ETC-LT7821-81 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com