Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-HC53 Datasheet (PDF) - Fox Electronics

Part # FVXO-HC53
Description  HCMOS 5 x 3.2mm 3.3V VCXO
File Size   365.69 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-HC53 Datasheet (PDF) - Fox Electronics



Similar Part No. - FVXO-HC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
HCMOS 5 x 3.2mm 2.5V VCXO
FVXO-HC52B FOX-FVXO-HC52B Datasheet
342Kb / 15P
HCMOS 5 x 3.2mm 2.5V VCXO
FVXO-HC52BR FOX-FVXO-HC52BR Datasheet
342Kb / 15P
HCMOS 5 x 3.2mm 2.5V VCXO
More results


Similar Description - FVXO-HC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
LVPECL 5 x 3.2mm 3.3V VCXO
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
LVDS 5 x 3.2mm 2.5V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
HCMOS 5 x 3.2mm 2.5V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com