Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW30N120KD Datasheet (PDF) - STMicroelectronics

Part # GW30N120KD
Description  30 A - 1200 V - short circuit rugged IGBT
File Size   359.23 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW30N120KD Datasheet (PDF) - STMicroelectronics



Similar Part No. - GW30N120KD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GW30N135F1 LUGUANG-GW30N135F1 Datasheet
1Mb / 8P
1350V /30A Trench Field Stop IGBT
Revision:20201218-P1
More results


Similar Description - GW30N120KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGW30NC60KD STMICROELECTRONICS-STGW30NC60KD Datasheet
349Kb / 14P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGW40N120KD STMICROELECTRONICS-STGW40N120KD Datasheet
763Kb / 15P
40 A, 1200 V short circuit rugged IGBT with Ultrafast diode
27-Feb-2012
STGW30N120KD STMICROELECTRONICS-STGW30N120KD_V01 Datasheet
423Kb / 15P
30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
27-Feb-2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
10 A, 600 V short-circuit rugged IGBT
06-Jun-2017
logo
Infineon Technologies A...
IKW15N120CS7 INFINEON-IKW15N120CS7 Datasheet
1Mb / 16P
Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology
1.00 2021-03-17
IGQ100N120S7 INFINEON-IGQ100N120S7 Datasheet
1Mb / 14P
Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology
Revision 1.10 2023-01-23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com