Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACVX1220 Datasheet (PDF) - Abracon Corporation

Part # ACVX1220
Description  TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
File Size   289.54 Kbytes
Html View  1   2 
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACVX1220 Datasheet (PDF) - Abracon Corporation



Similar Part No. - ACVX1220

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220-D-C-S-N05 ABRACON-ACVX1220-D-C-S-N05 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S-N15 ABRACON-ACVX1220-D-C-S-N15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S1-N05 ABRACON-ACVX1220-D-C-S1-N05 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-H-S-N05 ABRACON-ACVX1220-D-H-S-N05 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
More results


Similar Description - ACVX1220

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1224 ABRACON-ACVX1224 Datasheet
509Kb / 1P
HIGH FREQUENCY INVERTED MESA TTL / CMOS FULL-SIZE DIP 5VDC VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com