Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS915D Datasheet (PDF) - Abracon Corporation

Part # AFS915D
Description  CERAMIC SURFACE-MOUNT SAW FILTER
File Size   155.01 Kbytes
Html View  1 
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS915D Datasheet (PDF) - Abracon Corporation



Similar Part No. - AFS915D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
AFS915.0W03-TS4 ABRACON-AFS915.0W03-TS4 Datasheet
89Kb / 2P
SMD 915.00 MHz SAW FILTER
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
More results


Similar Description - AFS915D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS418E ABRACON-AFS418E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS916.5E ABRACON-AFS916.5E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS14A26-915.00-T3 ABRACON-AFS14A26-915.00-T3 Datasheet
1Mb / 4P
Surface Mount 915.00MHz SAW Filter
04.16.13
AFS20A20-1910.00-T3 ABRACON-AFS20A20-1910.00-T3 Datasheet
2Mb / 4P
Surface Mount 1910.00MHz SAW Filter
04.16.13
AFS14A04-1575.42-T2 ABRACON-AFS14A04-1575.42-T2 Datasheet
2Mb / 4P
Surface Mount 1575.42MHz SAW Filter
06.20.12
AFS14A11-722.00-T2 ABRACON-AFS14A11-722.00-T2 Datasheet
2Mb / 4P
Surface Mount 722.00MHz SAW Filter
09.22.14
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
07.23.12
AFS20A42-1575.42-T2 ABRACON-AFS20A42-1575.42-T2 Datasheet
1Mb / 4P
Surface Mount 1575.42MHz SAW Filter
05.21.12
ASFS20A26-915.00-T2 ABRACON-ASFS20A26-915.00-T2 Datasheet
1Mb / 4P
Surface Mount 915.00MHz SAW Filter
05.21.12
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com