Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DPF30L Datasheet (PDF) - STMicroelectronics

Part # STS3DPF30L
Description  DUAL P - CHANNEL 30V - 0.145ohm - 3A SO-8 STripFETO POWER MOSFET
File Size   72.72 Kbytes
Html View  1   2   3   4   5 
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPF30L Datasheet (PDF) - STMicroelectronics



Similar Part No. - STS3DPF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Feb-1999
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
May-2000
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
More results


Similar Description - STS3DPF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
Feb-2002
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Feb-1999
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS5DNE30L STMICROELECTRONICS-STS5DNE30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET
Dec-1998
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
Nov-1999
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET™ Power MOSFET
31-Jan-2007
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET™Power MOSFET
03-May-2007
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com