Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6F80 Datasheet (PDF) - Vishay Siliconix

Part # 6F80
Description  Standard Recovery Diodes (Stud Version), 6 A
File Size   129.18 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6F80 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 6F80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6F80 IRF-6F80 Datasheet
72Kb / 6P
STANDARD RECOVERY DIODES
6F80 IRF-6F80 Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Naina Semiconductor ltd...
6F80 NAINA-6F80 Datasheet
116Kb / 2P
Standard Recovery Diodes (Stud Version)
logo
Vishay Siliconix
6F80M VISHAY-6F80M Datasheet
142Kb / 7P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
More results


Similar Description - 6F80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6FR VISHAY-6FR_12 Datasheet
142Kb / 7P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
16F VISHAY-16F_12 Datasheet
154Kb / 7P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-6F VISHAY-VS-6F Datasheet
154Kb / 6P
Standard Recovery Diodes(Stud Version), 6 A
16-Nov-15
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-6FR VISHAY-VS-6FR Datasheet
154Kb / 6P
Standard Recovery Diodes (Stud Version), 6 A
16-Nov-15
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-6FR VISHAY-VS-6FR_V01 Datasheet
154Kb / 6P
Standard Recovery Diodes, (Stud Version), 6 A
11-Jan-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com