Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB411R49 Datasheet (PDF) - Vishay Siliconix

Part # EB411R49
Description  Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
File Size   158.89 Kbytes
Html View  1   2   3   4 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB411R49 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - EB411R49

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB411R10SGX15 VISHAY-EB411R10SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB411R12SGX15 VISHAY-EB411R12SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB411R15SGX15 VISHAY-EB411R15SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB411R6SGX15 VISHAY-EB411R6SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results


Similar Description - EB411R49

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB4 VISHAY-EB4_09 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_09 Datasheet
188Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB4 VISHAY-EB4_V01 Datasheet
171Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com