Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHF2525CNT Datasheet (PDF) - Bourns Electronic Solutions

Part # CHF2525CNT
Description  9 GHz 40 W Termination Chip
File Size   226.62 Kbytes
Html View  1 
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF2525CNT Datasheet (PDF) - Bourns Electronic Solutions



Similar Part No. - CHF2525CNT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF2525CNT BOURNS-CHF2525CNT Datasheet
351Kb / 6P
Selecting the Right Resistor for Your Application
CHF2525CNT500LW BOURNS-CHF2525CNT500LW Datasheet
76Kb / 1P
RF Power Resistors
More results


Similar Description - CHF2525CNT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF1206CNT BOURNS-CHF1206CNT Datasheet
165Kb / 1P
20 W Power RF Chip Termination
CHF2010CNP BOURNS-CHF2010CNP Datasheet
188Kb / 2P
10 W Power RF Chip Termination
CHF3523CNT BOURNS-CHF3523CNT Datasheet
174Kb / 1P
150 W Power RF Chip Termination
CHF3725CNP BOURNS-CHF3725CNP Datasheet
192Kb / 2P
40 W SMT Power RF Chip Termination
logo
Tyco Electronics
MDC-164 MACOM-MDC-164 Datasheet
142Kb / 3P
Termination-Insensitive Mixer 0.5 - 9 GHz
logo
Anaren Microwave
A40B50X1B ANAREN-A40B50X1B Datasheet
265Kb / 2P
Chip Termination 40 Watts, 50W
logo
Bourns Electronic Solut...
CHF1206CNT500LW BOURNS-CHF1206CNT500LW Datasheet
154Kb / 1P
20 W Power RF Chip Termination
CHF3725CNP BOURNS-CHF3725CNP_11 Datasheet
206Kb / 2P
40 W SMT Power RF Chip Termination
logo
Cree, Inc
CGHV60040D CREE-CGHV60040D Datasheet
654Kb / 7P
40 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com