Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ20 Datasheet (PDF) - EUROQUARTZ limited

Part # MJ20
Description  5 x 3.2 x 1.0mm SMD
File Size   235.18 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MJ20 Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - MJ20

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
5.0 x 3.2 x 0.9mm SMD
logo
List of Unclassifed Man...
MJ2-1 ETC-MJ2-1 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300 ETC-MJ2-1300 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300-AFR-20 ETC-MJ2-1300-AFR-20 Datasheet
8Mb / 17P
Basic Limit Switch
More results


Similar Description - MJ20

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G326 EUROQUARTZ-G326 Datasheet
181Kb / 2P
3.2 x 2.5 x 1.0mm 6 pad SMD CMOS
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
5 x 3.2 x 0.9mm SMD
logo
Transko Electronics, In...
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com