| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NSS12500UW3T2G
|
60Kb / 5P |
12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0 |
|
NSS1C200LT1G
|
72Kb / 5P |
100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0 |
|
NSS1C201MZ4
|
122Kb / 6P |
100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0 |
|
NSS1C200MZ4
|
106Kb / 5P |
100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2 |
|
NSV1C300ET4G
|
119Kb / 6P |
100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13 |
|
NSS1C200MZ4T1G
|
110Kb / 5P |
100 V, 2.0 A, Low VCE(sat) PNP Transistor
March, 2013??Rev. 5 |
|
NSS1C201L
|
78Kb / 6P |
100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5 |
|
NSS1C201MZ4
|
106Kb / 6P |
100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2 |
|
NSS1C300ET4G
|
82Kb / 6P |
100 V, 3.0 A, Low VCE(sat) PNP Transistor
June, 2015 ??Rev. 7 |
|
NSS40201LT1G
|
107Kb / 6P |
40 V, 2.0 A, Low VCE(sat) NPN Transistor
June, 2013 ??Rev. 8 |