Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3475-1 Datasheet (PDF) - Linear Technology

Part # LT3475-1
Description  Dual Step-Down l 1.5A LED Driver
File Size   243.14 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475-1 Datasheet (PDF) - Linear Technology



Similar Part No. - LT3475-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
More results


Similar Description - LT3475-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Linear Technology
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com