Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR4400 Datasheet (PDF) - Vishay Siliconix

Part # TLDR4400
Description  High Intensity LED, 3 mm Tinted Diffused
File Size   74.89 Kbytes
Html View  1   2   3   4   5 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR4400 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - TLDR4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4400 VISHAY-TLDR4400 Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
TLDR4400 VISHAY-TLDR4400 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
11-Dec-13
TLDR4400 VISHAY-TLDR4400 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLDR4400 VISHAY-TLDR4400 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
More results


Similar Description - TLDR4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
TLHE4400 VISHAY-TLHE4400 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHE4600 VISHAY-TLHE4600 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHF4600 VISHAY-TLHF4600 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHK4400 VISHAY-TLHK4400 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
03-Apr-99
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
03-Apr-99
TLDR440 VISHAY-TLDR440_04 Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
TLHK4600 VISHAY-TLHK4600_04 Datasheet
169Kb / 6P
High Intensity LED in ∅ 3 mm Tinted Diffused Package
31-Aug-04
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4400 VISHAY-TLHF4400_V01 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com