Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-460 Datasheet (PDF) - Rhombus Industries Inc.

Part # L-460
Description  Left-Handed Winding Direction
File Size   32.81 Kbytes
Html View  1 
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-460 Datasheet (PDF) - Rhombus Industries Inc.



Similar Part No. - L-460

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
L-465 RHOMBUS-IND-L-465 Datasheet
26Kb / 1P
TOROID INDUCTOR
4/21/99
L-466 RHOMBUS-IND-L-466 Datasheet
30Kb / 1P
TOROID INDUCTOR
4/21/99
L-467 RHOMBUS-IND-L-467 Datasheet
39Kb / 1P
LOW COST POWER INDUCTOR
5/27/99
logo
Kingbright Corporation
L-469 KINGBRIGHT-L-469 Datasheet
145Kb / 5P
T-1 (3mm) BI-COLOR INDICATOR LAMPS
More results


Similar Description - L-460

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-457 RHOMBUS-IND-L-457 Datasheet
43Kb / 1P
Left-Handed Winding Direction
9/17/02
L-458 RHOMBUS-IND-L-458 Datasheet
32Kb / 1P
Right-Handed Winding Direction
9/17/02
L-459 RHOMBUS-IND-L-459 Datasheet
34Kb / 1P
Left-Handed Winding Direction
9/17/02
logo
PowerDynamics, Inc
42R04-X1X1 POWERDYNAMICS-42R04-X1X1 Datasheet
46Kb / 1P
IEC 60320 C14 & C16 MALE POWER CORD PLUG; R/A LEFT HANDED CONNECTION
43R01-X1X1 POWERDYNAMICS-43R01-X1X1 Datasheet
48Kb / 1P
IEC 60320 C13 & C15 FEMALE POWER CORD PLUG, R/A LEFT HANDED CONNECTION
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10086 POWERDYNAMICS-10086 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13, LEFT HANDED
logo
Harwin Plc
M20-8770246 HARWIN-M20-8770246 Datasheet
98Kb / 2P
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY (LEFT-HANDED LEAD)
logo
Molex Electronics Ltd.
1600913210 MOLEX1-1600913210 Datasheet
47Kb / 1P
MXP120 Backshell, Exit Direction Left, Flange Size NW 4.5, 3 Circuits
logo
Cherry Semiconductor Co...
JW-T0210 CHERRY-JW-T0210 Datasheet
87Kb / 2P
Optimized for both right and left-handed operation
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com