Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDRR-6 Datasheet (PDF) - HAMLIN Position and Movement Sensor Solutions

Part # MDRR-6
Description  Sub-miniature normally open switch with 15.24mm x 2.28mm
File Size   127.66 Kbytes
Html View  1 
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

MDRR-6 Datasheet (PDF) - HAMLIN Position and Movement Sensor Solutions



Similar Part No. - MDRR-6

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MDRR-DT HAMLIN-MDRR-DT Datasheet
156Kb / 1P
Miniature changeover switch with 14.73mm x 2.54mm
logo
Littelfuse
MDRR-DT LITTELFUSE-MDRR-DT Datasheet
550Kb / 3P
Axial Lead Reed Switches
More results


Similar Description - MDRR-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLRR-2 ETC1-MLRR-2 Datasheet
68Kb / 1P
Miniature normally open switch with 19.05mm x 2.66mm
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
MARR-5 HAMLIN-MARR-5 Datasheet
167Kb / 1P
Miniature normally open switch with 19.69mm x 2.66mm
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-7 HAMLIN-MDSR-7 Datasheet
126Kb / 1P
Sub-miniature normally open switch with 12.7mm x 1.8mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
MRPR-3 HAMLIN-MRPR-3 Datasheet
149Kb / 1P
Miniature normally open switch with 19.69mm x 2.84mm
MRPR-8 HAMLIN-MRPR-8 Datasheet
93Kb / 1P
Miniature normally open switch size with 20.32mm x 2.84mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com