Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-20C1002G Datasheet (PDF) - IRC - a TT electronics Company.

Part # GF-20C1002G
Description  Thick Film Metal Glaze Resistor
File Size   218.58 Kbytes
Html View  1   2 
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GF-20C1002G Datasheet (PDF) - IRC - a TT electronics Company.



Similar Part No. - GF-20C1002G

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GF-20 TTELEC-GF-20 Datasheet
351Kb / 2P
Thick Film Metal Glaze™ Resistor
07.14
logo
JMK Inc.
GF-2032-2 JMK-GF-2032-2 Datasheet
561Kb / 1P
This filter was developed to suppress conducted electrical noise from MRI LED lighting systems.
logo
NEC
GF-2050 NEC-GF-2050 Datasheet
3Mb / 51P
Noise Filters
GF-205E NEC-GF-205E Datasheet
3Mb / 51P
Noise Filters
logo
Kemet Corporation
GF-205E KEMET-GF-205E Datasheet
90Kb / 1P
KEMET, GF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
More results


Similar Description - GF-20C1002G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
CMH IRCTT-CMH Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
logo
List of Unclassifed Man...
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
High Voltage Metal Glaze Resistor
5/4/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com