Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8940 Datasheet (PDF) - Maxim Integrated Products

Part # MAX8940
Description  Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
File Size   264.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8940 Datasheet (PDF) - Maxim Integrated Products



Similar Part No. - MAX8940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX894LC MAXIM-MAX894LC Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX894LC/D MAXIM-MAX894LC/D Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX894LD MAXIM-MAX894LD Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
More results


Similar Description - MAX8940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
logo
Maxim Integrated Produc...
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com