Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM-PA080-S931-345-FA Datasheet (PDF) - DDK Ltd.

Part # DFM-PA080-S931-345-FA
Description  0.635??Pitch Stacking Shielded Connector
File Size   290.03 Kbytes
Html View  1   2   3 
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFM-PA080-S931-345-FA Datasheet (PDF) - DDK Ltd.



Similar Part No. - DFM-PA080-S931-345-FA

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFM-10-10-P-A-GF FESTO-DFM-10-10-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-15-P-A-GF FESTO-DFM-10-15-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-20-P-A-GF FESTO-DFM-10-20-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-5-P-A-GF FESTO-DFM-10-5-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-100-100-P-A-GF FESTO-DFM-100-100-P-A-GF Datasheet
88Kb / 1P
Guided actuator
More results


Similar Description - DFM-PA080-S931-345-FA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
Stacking Height 5 to 11mm Half Pitch Connector
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
1.27mm Pitch Stacking Connector
logo
Molex Electronics Ltd.
0550912075 MOLEX11-0550912075 Datasheet
243Kb / 2P
0.635 PITCH B-TO-B PLUG HSG COVER ASSY -LEAD FREE-
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
Single row solder tails with 0.635 mm spacing
13-Sep-2007
logo
Samtec, Inc
QFSS SAMTEC-QFSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QMSS SAMTEC-QMSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
logo
TE Connectivity Ltd
108-2411 TEC-108-2411 Datasheet
1Mb / 6P
MEZALOK* Stacking Connector System
C-2201196 TEC-C-2201196 Datasheet
180Kb / 3P
0.4mm PITCH STACKING CONNECTOR PLUG ASSEMBLY 0.98mm HEIGHT
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com