Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAFRIN0520 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAFRIN0520
Description  Single Junction Drop-In Circulator 3.4 GHz-3.6 GHz
File Size   72.13 Kbytes
Html View  1 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFRIN0520 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAFRIN0520

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFRIN0512 MA-COM-MAFRIN0512 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator
MAFRIN0513 MA-COM-MAFRIN0513 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0533 MA-COM-MAFRIN0533 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0536 MA-COM-MAFRIN0536 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator
MAFRIN0537 MA-COM-MAFRIN0537 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
More results


Similar Description - MAFRIN0520

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
61Kb / 1P
Single Junction Drop-In Circulator
logo
ANADIGICS, Inc
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
3.4-3.6 GHz Power Amplifier
05/2003
logo
M/A-COM Technology Solu...
MAFR-000171-5S3S1T MA-COM-MAFR-000171-5S3S1T Datasheet
76Kb / 1P
Single Junction Drop-In Isolator 3.4 GHz-3.6 GHz
MAFR-000231-000001 MA-COM-MAFR-000231-000001 Datasheet
72Kb / 1P
Single Junction Drop-In Circulator 3.3 GHz-3.4 GHz
MAFR-000232-000001 MA-COM-MAFR-000232-000001 Datasheet
75Kb / 1P
Single Junction Drop-In Isolator 3.3 GHz-3.4 GHz
MAFR-000430-000001 MA-COM-MAFR-000430-000001 Datasheet
93Kb / 2P
Single Junction Drop-In Isolator 2.7 GHz-3.1 GHz
MAFR-000436-000001 MA-COM-MAFR-000436-000001 Datasheet
93Kb / 2P
Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
MAFR-000514-000001 MA-COM-MAFR-000514-000001 Datasheet
93Kb / 2P
Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
MAFRIN0512 MA-COM-MAFRIN0512 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator
MAFRIN0536 MA-COM-MAFRIN0536 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com