Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4EX190L-1225T Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MA4EX190L-1225T
Description  Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
File Size   75.51 Kbytes
Html View  1   2 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EX190L-1225T Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MA4EX190L-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190L-1225T MACOM-MA4EX190L-1225T Datasheet
126Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
More results


Similar Description - MA4EX190L-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX240L-1225 MACOM-MA4EX240L-1225 Datasheet
42Kb / 2P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX240L1-1225T MACOM-MA4EX240L1-1225T Datasheet
71Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EXP190H1-1277 MACOM-MA4EXP190H1-1277 Datasheet
101Kb / 6P
Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX240H-1225T MA-COM-MA4EX240H-1225T Datasheet
88Kb / 2P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX600L1-1225T MA-COM-MA4EX600L1-1225T Datasheet
89Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com