Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSG5D3Z2C1P Datasheet (PDF) - OptoSupply International

Part # OSG5D3Z2C1P
Description  Super Flux Pure Green LED
File Size   100.7 Kbytes
Html View  1 
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG5D3Z2C1P Datasheet (PDF) - OptoSupply International



Similar Part No. - OSG5D3Z2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5D35141R OPTOSUPPLY-OSG5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pure Green LED
OSG5D356E1R OPTOSUPPLY-OSG5D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Pure Green LED
OSG5D38A61R OPTOSUPPLY-OSG5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pure Green LED
OSG5D3A131U OPTOSUPPLY-OSG5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Pure Green LED
OSG5D3A151R OPTOSUPPLY-OSG5D3A151R Datasheet
96Kb / 1P
Tpower 10mm Pure Green LED
More results


Similar Description - OSG5D3Z2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DAZ2C1D OPTOSUPPLY-OSG5DAZ2C1D Datasheet
102Kb / 1P
Super Flux Pure Green LED
OSG5DAZ2C1P OPTOSUPPLY-OSG5DAZ2C1P Datasheet
99Kb / 1P
Super Flux Pure Green LED
OSG5DAZ3K1D OPTOSUPPLY-OSG5DAZ3K1D Datasheet
98Kb / 1P
Super Flux Pure Green LED
OSG5DAZ4E1D OPTOSUPPLY-OSG5DAZ4E1D Datasheet
96Kb / 1P
Super Flux Pure Green LED
OSG58AZ2C1D OPTOSUPPLY-OSG58AZ2C1D Datasheet
156Kb / 1P
Super Flux Pure Green LED
OSG58AZ3K1D OPTOSUPPLY-OSG58AZ3K1D Datasheet
154Kb / 1P
Super Flux Pure Green LED
OSG58AZ4E1D OPTOSUPPLY-OSG58AZ4E1D Datasheet
153Kb / 1P
Super Flux Pure Green LED
OSG58AZB11D OPTOSUPPLY-OSG58AZB11D Datasheet
155Kb / 1P
Super Flux Pure Green LED
OSG58AZHA1D OPTOSUPPLY-OSG58AZHA1D Datasheet
155Kb / 1P
Super Flux Pure Green LED
OSG58AZ4E1D OPTOSUPPLY-OSG58AZ4E1D_11 Datasheet
108Kb / 1P
Super Flux Pure Green LED
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com