Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19WCAV Datasheet (PDF) - American Accurate Components, Inc.

Part # 19WCAV
Description  Waveguide to Coaxial Adapter
File Size   179.17 Kbytes
Html View  1   2   3   4   5 
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

19WCAV Datasheet (PDF) - American Accurate Components, Inc.



Similar Part No. - 19WCAV

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19W002-000 ROSENBERGER-19W002-000 Datasheet
56Kb / 1P
EXTRACTION TOOL
19W002-000-DB ROSENBERGER-19W002-000-DB Datasheet
56Kb / 1P
All dimensions are in mm; tolerances according to ISO 2768 m-H
19W009-000 ROSENBERGER-19W009-000 Datasheet
80Kb / 1P
EXTRACTION TOOL
More results


Similar Description - 19WCAV

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
NM-SM50+ MINI-NM-SM50+ Datasheet
135Kb / 1P
Coaxial Adapter, N-MALE to SMA-M
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Advanced Technical Mate...
750-251-XX ATM-750-251-XX Datasheet
85Kb / 1P
OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
580-251-XX ATM-580-251-XX Datasheet
82Kb / 1P
OUTLINE, WRD580 SMA - WAVEGUIDE ADAPTER
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
Adapter for Coaxial Connectors
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com