Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPHE010C201 Datasheet (PDF) - LinkCom Manufacturing Co., Ltd.

Part # BPHE010C201
Description  AC TO DC LED DRIVER
File Size   356.69 Kbytes
Html View  1   2 
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

BPHE010C201 Datasheet (PDF) - LinkCom Manufacturing Co., Ltd.



Similar Part No. - BPHE010C201

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE010C201 LINKCOM-BPHE010C201 Datasheet
509Kb / 4P
LED Driver
BPHE010C201-50 LINKCOM-BPHE010C201-50 Datasheet
487Kb / 3P
10W LED Driver
BPHE010C201 LINKCOM-BPHE010C201_14 Datasheet
110Kb / 2P
AC Input 90~264Vac SCP / OTP / OVP
More results


Similar Description - BPHE010C201

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE005C201 LINKCOM-BPHE005C201 Datasheet
241Kb / 2P
AC TO DC LED DRIVER
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
up to 0.7A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
up to 2A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
up to 5A | AC-DC / DC-DC LED driver
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
up to 2.5A | AC-DC / DC-DC LED driver
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com