Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97TK Datasheet (PDF) - NXP Semiconductors

Part # SE97TK
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
File Size   275.88 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TK Datasheet (PDF) - NXP Semiconductors



Similar Part No. - SE97TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97TK NXP-SE97TK Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97TK NXP-SE97TK Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
More results


Similar Description - SE97TK

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
DDR/DDR2 (For memory module) SPD Memory
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98 NXP-SE98 Datasheet
193Kb / 39P
DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
SE98A NXP-SE98A_10 Datasheet
915Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 04-25 November 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com