Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS4160N Datasheet (PDF) - ON Semiconductor

Part # NTJS4160N
Description  Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
File Size   87.32 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4160N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTJS4160N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS4160N ONSEMI-NTJS4160N Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results


Similar Description - NTJS4160N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4805N ONSEMI-NTD4805N Datasheet
80Kb / 8P
Power MOSFET 30 V, 88 A, Single N?묬hannel, DPAK/IPAK
April, 2006 ??Rev. 0
NTR4170N ONSEMI-NTR4170N Datasheet
106Kb / 5P
Power MOSFET 30 V, 3.2 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTS4172N ONSEMI-NTS4172N Datasheet
107Kb / 5P
Power MOSFET 30 V, 1.7 A, Single N?묬hannel, SC??0
June, 2008 ??Rev. 0
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FDMC86012 FAIRCHILD-FDMC86012 Datasheet
251Kb / 7P
N-Channel Power Trench MOSFET 30 V, 88 A, 2.7 m
logo
ON Semiconductor
NTMFS6H818NL ONSEMI-NTMFS6H818NL Datasheet
136Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 3.2 m, 135 A
March, 2020 ??Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVTYS002N03CL ONSEMI-NVTYS002N03CL Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS004N03CL ONSEMI-NVTYS004N03CL Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 85 A
May, 2021 - Rev. 0
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com