Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL-1138 Datasheet (PDF) - JMK Inc.

Part # LL-1138
Description  Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
File Size   253.9 Kbytes
Html View  1 
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

LL-1138 Datasheet (PDF) - JMK Inc.



Similar Part No. - LL-1138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL-1105-A-F100-Q ETC2-LL-1105-A-F100-Q Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
LL-1105-A-F100-R ETC2-LL-1105-A-F100-R Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
LL-1105-A-F160-Q ETC2-LL-1105-A-F160-Q Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
LL-1105-A-F160-R ETC2-LL-1105-A-F160-R Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
LL-1105-A-F250-Q ETC2-LL-1105-A-F250-Q Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
More results


Similar Description - LL-1138

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-393P MACOM-B-393P Datasheet
52Kb / 1P
Center Off, 200 Amps, 120/208 VAC, 50/60/400 Hz
logo
JMK Inc.
FF-1199-6B JMK-FF-1199-6B Datasheet
32Kb / 1P
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
FF-1585-10 JMK-FF-1585-10 Datasheet
37Kb / 1P
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
FF-1585-40 JMK-FF-1585-40 Datasheet
28Kb / 1P
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
HH-1199-6 JMK-HH-1199-6 Datasheet
223Kb / 1P
Operating voltage = 125 / 250 v~ Operating current (max) = 6.0 amperes
HH-1199-6C JMK-HH-1199-6C Datasheet
223Kb / 1P
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
MM-0787-60B JMK-MM-0787-60B Datasheet
45Kb / 1P
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
MM-0787-80B JMK-MM-0787-80B Datasheet
44Kb / 1P
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
MM-1315-125 JMK-MM-1315-125 Datasheet
31Kb / 1P
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
50/60 HZ TRANSFORMERS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com