Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-0637A-40C Datasheet (PDF) - JMK Inc.

Part # MM-0637A-40C
Description  Operating Voltage = 48 Vdc Operating Current = 40,50,60 Amperes
File Size   52.71 Kbytes
Html View  1 
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

MM-0637A-40C Datasheet (PDF) - JMK Inc.



Similar Part No. - MM-0637A-40C

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MM-0637A-40B JMK-MM-0637A-40B Datasheet
52Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 40,50,60 Amperes
MM-0637A-40D JMK-MM-0637A-40D Datasheet
54Kb / 1P
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
More results


Similar Description - MM-0637A-40C

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MF-0637A-50BL JMK-MF-0637A-50BL Datasheet
100Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MM-0637A-40B JMK-MM-0637A-40B Datasheet
52Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 40,50,60 Amperes
MM-0637A-50 JMK-MM-0637A-50 Datasheet
53Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MM-0637A-50B JMK-MM-0637A-50B Datasheet
53Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MM-0637A-50C JMK-MM-0637A-50C Datasheet
52Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
ZA-1193-3 JMK-ZA-1193-3 Datasheet
49Kb / 1P
Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
ZG-1589-18 JMK-ZG-1589-18 Datasheet
58Kb / 1P
Operating Voltage = 12 Vdc Operating Current = 18 Amperes
ZG-1633-18 JMK-ZG-1633-18 Datasheet
60Kb / 1P
Operating Voltage = 12 Vdc Operating Current = 18 Amperes
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com