Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX0215A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0215A
Description  7.0x5.0 36 MHz VCXO
File Size   188.36 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0215A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TX0215A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
SMD 5x3.2 12.8MHz TCXO
More results


Similar Description - TX0215A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
7.0x5.0 PECL VCXO 155.52 MHz
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
7.0x5.0 VCXO 24.576 MHz
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
7.0x5.0 VCXO 35.328 MHz
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
7.0x5.0 VCXO 100 MHz
TX0172A TAI-SAW-TX0172A Datasheet
208Kb / 5P
7.0x5.0 VCXO 125 MHz
TX0444A TAI-SAW-TX0444A Datasheet
365Kb / 7P
7.0x5.0 VCXO 122.88 MHz
REV. NO.:1.0
TX0460A TAI-SAW-TX0460A Datasheet
350Kb / 7P
7.0x5.0 VCXO 32 MHz
REV. NO.:1
TX0582A TAI-SAW-TX0582A Datasheet
163Kb / 8P
7.0x5.0 VCXO 61.44 MHz
REV. NO.:1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com