Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF16 Datasheet (PDF) - TOCOSAMERICA, INC.

Part # GF16
Description  16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
File Size   585.39 Kbytes
Html View  1   2   3   4 
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF16 Datasheet (PDF) - TOCOSAMERICA, INC.



Similar Part No. - GF16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GF16 SCHNEIDER-GF16 Datasheet
109Kb / 2P
TeSys GF - impulse relay - 16 A - 1 NO 1 NC - 24 V AC 50/60 Hz coil
Mar 6, 2020
logo
CUI Devices
GF1602 CUID-GF1602 Datasheet
1,007Kb / 3P
SPEAKER
08/05/2022
GF1603 CUID-GF1603 Datasheet
804Kb / 3P
SPEAKER
08/05/2022
GF1603B CUID-GF1603B Datasheet
1Mb / 3P
SPEAKER
08/05/2022
logo
Shenzhen Luguang Electr...
GF1610C LUGUANG-GF1610C Datasheet
178Kb / 2P
Super Fast Rectifiers
More results


Similar Description - GF16

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
GF281 TOCOS-GF281 Datasheet
636Kb / 3P
28mm Diameter, Single-Turn, Cermet Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com