Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB15 Datasheet (PDF) - NXP Semiconductors

Part # PUMB15
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
File Size   72.06 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMB15 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - PUMB15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB15 PHILIPS-PUMB15 Datasheet
61Kb / 10P
NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PUMB15 PHILIPS-PUMB15 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMB15 NEXPERIA-PUMB15 Datasheet
916Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
More results


Similar Description - PUMB15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com