| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PDTA143Z
|
92Kb / 14P |
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05 |
|
PDTC143Z
|
93Kb / 14P |
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16 |
|
PDTC143X
|
86Kb / 12P |
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005 |
|
PUMD2
|
98Kb / 16P |
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008 |
|
PDTA143X
|
93Kb / 12P |
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007 |
|
PEMB15
|
72Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009 |
|
PEMB18
|
65Kb / 9P |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009 |
|
PEMD24
|
78Kb / 10P |
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005 |
|
PUMD16
|
69Kb / 10P |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005 |
|
PEMD17_PUMD17
|
76Kb / 12P |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005 |