Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PS Datasheet (PDF) - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET
File Size   213.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

100PS Datasheet (PDF) - NXP Semiconductors



Similar Part No. - 100PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100PS VISHAY-100PS Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
logo
NXP Semiconductors
100PS PHILIPS-100PS Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Micro Commercial Compon...
100PS MCC-100PS Datasheet
331Kb / 2P
20 Amp Schottky Barrier Rectifier 100 Volts
logo
JST Mfg. Co., Ltd.
100PS-JMDSS-G-1-TF JST-100PS-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
All Sensors Corporation
100PSI-A-4V ASC-100PSI-A-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
More results


Similar Description - 100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
BUK7K5R6-30E PHILIPS-BUK7K5R6-30E_15 Datasheet
312Kb / 13P
Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
6 November 2013
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Nexperia B.V. All right...
PSMN5R6-100XS NEXPERIA-PSMN5R6-100XS Datasheet
364Kb / 16P
N-channel 100V 5.6 m廓 standard level MOSFET in TO220F(SOT186A)
BUK7K29-100E NEXPERIA-BUK7K29-100E Datasheet
719Kb / 13P
Dual N-channel 100 V, 24.5 m廓 standard level MOSFET
BUK7K32-100E NEXPERIA-BUK7K32-100E Datasheet
718Kb / 13P
Dual N-channel 100 V, 27.5 m廓 standard level MOSFET
BUK7K45-100E NEXPERIA-BUK7K45-100E Datasheet
722Kb / 13P
Dual N-channel 100 V, 37.6 m廓 standard level MOSFET
BUK7K5R6-30E NEXPERIA-BUK7K5R6-30E Datasheet
744Kb / 13P
Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
BUK7K134-100E NEXPERIA-BUK7K134-100E Datasheet
719Kb / 13P
Dual N-channel 100 V, 121 m廓 standard level MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com