Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-796423-2 Datasheet (PDF) - Tyco Electronics

Part # 2-796423-2
Description  TERMINAL BLOCK 45 DEGREE INLET W/INTERLOCK, 5.08mm PITCH (LT)
File Size   83.92 Kbytes
Html View  1   2 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-796423-2 Datasheet (PDF) - Tyco Electronics



Similar Part No. - 2-796423-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-796422-0 MACOM-2-796422-0 Datasheet
79Kb / 2P
TERMINAL BLOCK 45 WIRE INLET W/INTERLOCK, 5.00mm PITCH (LT)
2-796422-1 MACOM-2-796422-1 Datasheet
79Kb / 2P
TERMINAL BLOCK 45 WIRE INLET W/INTERLOCK, 5.00mm PITCH (LT)
2-796422-2 MACOM-2-796422-2 Datasheet
79Kb / 2P
TERMINAL BLOCK 45 WIRE INLET W/INTERLOCK, 5.00mm PITCH (LT)
2-796422-3 MACOM-2-796422-3 Datasheet
79Kb / 2P
TERMINAL BLOCK 45 WIRE INLET W/INTERLOCK, 5.00mm PITCH (LT)
2-796422-4 MACOM-2-796422-4 Datasheet
79Kb / 2P
TERMINAL BLOCK 45 WIRE INLET W/INTERLOCK, 5.00mm PITCH (LT)
More results


Similar Description - 2-796423-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796410 MACOM-C-796410 Datasheet
72Kb / 2P
TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
C-796422 MACOM-C-796422 Datasheet
79Kb / 2P
TERMINAL BLOCK 45 WIRE INLET W/INTERLOCK, 5.00mm PITCH (LT)
C-796712 MACOM-C-796712 Datasheet
60Kb / 2P
TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE w/3.5mm PINS W/INTERLOCK, 5.00mm PITCH (LT)
C-282841 MACOM-C-282841 Datasheet
248Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
C-1776252 MACOM-C-1776252 Datasheet
165Kb / 2P
TERMINAL BLOCK 45 DEGREE WIRE INLET W/INTERLOCK, 5.0mm PITCH, HIGH TEMP
C-1776142 MACOM-C-1776142 Datasheet
76Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK 5.00mm PITCH
C-1776143 MACOM-C-1776143 Datasheet
76Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK, 5.08mm PITCH
C-282807 MACOM-C-282807 Datasheet
56Kb / 1P
TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
796949-2 MACOM-796949-2 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
2-1437406-6 MACOM-2-1437406-6 Datasheet
159Kb / 1P
TERMINAL BLOCK 45 DEGREE PSB (.375 SPACING)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com